Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ358CMTR Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ358CMTR
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ358CMTR Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ358CMTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ358CMTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sales Office:
USA
3170 De La Cruz Blvd, Suite # 105 Santa Clara, CA 95054-2411,
U.S.A
Tel : +1-408-988 6388
Fax : +1-408-988 6386
Taiwan
4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel : 886-2-2656-2808
Fax : 886-2-2656-2806
Shanghai
8F, B Zone, 900 Yi Shan Road, Shanghai 200233,
China
Tel : 86-21-6495 9539
Fax : 86-21-6485 9673
Shenzhen
Room 27B, Tower C, No. 2070, Shennanzhong Road, Shenzhen
518031, China
Tel : 86-755-8368 3987
Fax : 86-755-8368 3166
Aug. 2006
BCD Semiconductor Manufacturing Limited
Product Brief
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358/358C
Ordering Information Example
Detailed information please refer to the relevant datasheet.
Package
Input Offset Voltage
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC8
Maximum
Value
5mV
AZ358M
AZ358M-E1
AZ358M
AZ358M-E1
Tube
5mV
AZ358MTR
AZ358MTR-E1
AZ358M
AZ358M-E1
Tape & Reel
3mV
AZ358CM
AZ358CM-E1
358CM
358CM-E1
Tube
3mV
AZ358CMTR
AZ358CMTR-
358CM
358CM-E1
Tape & Reel
DIP-8
Maximum
Value
5mV
AZ358P
AZ358P-E1
AZ358P
AZ358P-E1
Tube
3mV
AZ358CP
AZ358CP-E1
AZ358CP
AZ358CP-E1
Tube


Similar Part No. - AZ358CMTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ358CMTR BCDSEMI-AZ358CMTR Datasheet
257Kb / 13P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358CMTR-E1 BCDSEMI-AZ358CMTR-E1 Datasheet
257Kb / 13P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ358CMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com