Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSR13 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BSR13
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSR13 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BSR13 Datasheet HTML 1Page - Fairchild Semiconductor BSR13 Datasheet HTML 2Page - Fairchild Semiconductor BSR13 Datasheet HTML 3Page - Fairchild Semiconductor BSR13 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, September 2004
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* This ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These rating are based on a maximum junction temperature of 150 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Ratings
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
- Continuous
0.5
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = 10mA, IB = 0
30
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10µA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 50V, IE = 0
VCB = 50V, IE = 0, Ta = 150°C
30
10
nA
µA
IEBO
Emitter Cutoff Current
VEB = 3.0V, IC = 0
15
nA
On Characteristics
hFE
DC Current Gain
IC = 0.1mA, VCE = 10V
IC = 1.0mA, VCE = 10V
IC = 10mA, VCE = 10V
IC = 150mA, VCE = 10V *
IC = 150mA, VCE = 1.0V *
IC = 500mA, VCE = 10V *
35
50
75
100
50
30
300
VCE(sat)
Collector-Emitter Saturation Voltage *
IC = 150mA, IB = 15V
IC = 500mA, IB = 50V
0.4
1.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150mA, IB = 15V
IC = 500mA, IB = 50V
1.3
2.6
V
Small Signal Characteristics
fT
Curent Gain Bandwidth Product
IC = 20mA, VCE = 20V, f = 100MHz
250
BSR13
NPN General Purpose Amplifier
• Sourced from process 10.
SOT-23
B
E
C
Mark: U7


Similar Part No. - BSR13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR13 PHILIPS-BSR13 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 15
logo
Diotec Semiconductor
BSR13 DIOTEC-BSR13 Datasheet
183Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BSR13 KEXIN-BSR13 Datasheet
41Kb / 2P
   NPN Switching Transistors
logo
NXP Semiconductors
BSR13 NXP-BSR13 Datasheet
145Kb / 8P
   NPN switching transistors
2004 Jan 13
logo
Continental Device Indi...
BSR13 CDIL-BSR13 Datasheet
147Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BSR13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com