Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4303AP-CE1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP4303AP-CE1
Description  QUAD OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4303AP-CE1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4303AP-CE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4303AP-CE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303
8
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics
Figure 6. Cathode Current vs. Cathode Voltage
Figure 7.Cathode Current vs. Cathode Voltage
-1
0
1
-150
-100
-50
0
50
100
150
Cathode Voltage (V)
AP4303-C
V
KA
=V
REF
T
A
=25
oC
-1
0
1
-150
-100
-50
0
50
100
150
Cathode Voltage (V)
AP4303-D
V
KA
=V
REF
T
A
=25
oC
1K
10K
100K
1000K
0
10
20
30
40
50
60
1K
10K
100K
1000K
0
10
20
30
40
50
60
T
A
= 25
oC
I
KA
= 10mA
Small Signal Frequency (Hz)
Figure 8. Voltage Reference Small Signal Voltage Gain
vs. Frequency
02
46
0
1
2
3
4
5
T
A
=25
oC
Input
Time (µS)
Output
Figure 9. Pulse Response of VREF
with respect to VKA


Similar Part No. - AP4303AP-CE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4303AP-CE1 BCDSEMI-AP4303AP-CE1 Datasheet
158Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4303AP-CE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303 Datasheet
158Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4302 BCDSEMI-AP4302_06 Datasheet
167Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com