Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ34063A Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ34063A
Description  1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ34063A Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ34063A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ34063A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A
Data Sheet
2
Sep. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AZ34063A
Top View
P/M Package
(DIP-8/SOIC-8)
Pin Configuration
Functional Block Diagram
Figure 3. Functional Block Diagram of AZ34063A
Switch
Timing
Switch
GND
8
7
IPK Sense
6
VCC
5
Comparator
1
2
3
4
Inverting Input
Collector
Capacitor
Emitter
Driver
Collector
Switch
Collector
Switch
Emitter
Timing
Capacitor
GND
Driver
Collector
IPK Sense
VCC
Comparator
Inverting
Input
+
-
Ipk
B
1.25V
Reference
Regulator
A
8
7
54
3
2
1
S
R
Q
6
I
PK
C
T
OSC


Similar Part No. - AZ34063A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063AM ETC1-AZ34063AM Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063AM-E1 ETC1-AZ34063AM-E1 Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063AMTR ETC1-AZ34063AMTR Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063AMTR-E1 ETC1-AZ34063AMTR-E1 Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results

Similar Description - AZ34063A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com