Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ34063AMTR-E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ34063AMTR-E1
Description  1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ34063AMTR-E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ34063AMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ34063AMTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A
Data Sheet
8
Sep. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Applications
Figure 10. Step-Up Converter (Note 5)
Note 5: This is a typical step-up converter configuration. In the steady state, if the resistor divider voltage at pin
5 is greater than the voltage in the non-inverting input, which is 1.25V determined by the internal reference, the
output of the comparator will go low. At the next swithching period, the output switch will not conduct and the
output voltage will eventually drop below its nominal voltage until the divider voltage at pin 5 is lower than 1.25V.
Then the output of the comparator will go high, the output switch will be allowed to conduct. Since VPIN5=VOUT*
R2/(R1+R2)=1.25(V), the output voltage can be decided by VOUT=1.25 * (R1+R2)/R2 (V).
+
-
Ipk
B
1.25V
Reference
Regulator
A
5
S
R
Q
I
PK
C
T
OSC
V
IN 12V
C1
100
µF
R3 180
C
T
470pF
L1 150
µH
D1
1N5819
L2 1.0
µΗ
C3
100
µF
Optional
Filter
V
OUT
+
+
U1 AZ34063A
R1 47k
R2
2.2k
C2
330
µF
28V/175mA
+
Rsc
0.22
6
7
8
1
2
3
4
V
OUT


Similar Part No. - AZ34063AMTR-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063AMTR-E1 ETC1-AZ34063AMTR-E1 Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results

Similar Description - AZ34063AMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com