Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3844GM Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3844GM
Description  GREEN MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3844GM Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3844GM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
6
Aug. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Voltage
VI
VCOMP=2.5V
2.45
2.50
2.55
V
Output Sink Current
ISINK
VCOMP=1.1V
6
10
mA
Output Source Current
ISOURCE
VCOMP=5V
-0.5
-0.8
mA
High Output Voltage
VOH
RL=15kΩ to GND
5
7
V
Low Output Voltage
VOL
RL=15kΩ to pin REF
0.7
1.1
V
Voltage Gain
2V
≤ V
O ≤ 4V
65
90
dB
Power Supply Rejection Ratio
PSRR
12V
≤ V
CC ≤ 25V
60
70
dB
CURRENT SENSE SECTION
Maximum Input Signal
VI(MAX)
VCOMP=5V (Note 5)
0.9
1
1.1
V
Gain
GV
0V
≤ V
CS ≤ 4V (Note 5, 6)
2.85
3
3.15
V/V
Power Supply Rejection Ratio
PSRR
12V
≤ V
CC ≤ 25V (Note 5, 7)
70
dB
Delay to Output
VCS= 0 to 2V (Note 7)
150
250
ns
Input Bias Current
IBIAS
VOUTPUT=High
-3
-10
µA
Leading Edge Blanking Duration
TLEB
250
ns
OUTPUT SECTION
Low Output Voltage
VOL
ISINK = 20mA
0.2
0.4
V
ISINK = 200mA
1.4
2.2
V
High Output Voltage
VOH
ISOURCE = 20mA
13
13.5
V
ISOURCE = 200mA
12
13
V
Rise Time
tR
TJ=25
oC, C
L=1nF
150
250
ns
Fall Time
tF
TJ=25
oC, C
L=1nF
50
150
ns
SKIP CYCLE MODE SECTION
Source Current (@ CS)
VOUTPUT=Low, TJ=25
oC
180
200
220
µA
OVER-TEMPERATURE PROTECT SECTION
Shutdown Temperature
TSHUT
155
oC
Temperature Hysteresis
THYS
25
oC
A=
, 0 Vpin3 0.8V
∆VPin 3
Note 5: Parameters are tested at trip point of latch with Vpin2 = 0.
Note 6: Here gain is defined as:
∆VPin 1
Note 7: These parameters, although guaranteed, are not 100% tested in production.
Electrical Characteristics (Continued)


Similar Part No. - AP3844GM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3844GM-E1 DIODES-AP3844GM-E1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3844GM-G1 DIODES-AP3844GM-G1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3844GMTR-E1 DIODES-AP3844GMTR-E1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3844GMTR-G1 DIODES-AP3844GMTR-G1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3844GM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com