Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3844GM Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3844GM
Description  GREEN MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3844GM Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3844GM Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3844GM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
1
Aug. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
General Description
The AP384XG is a Green Mode PWM controller. It is
specially designed for off-line AC-DC adapter and bat-
tery charger applications where both needs for low
standby power and high efficiency in normal operation
are required. In a well designed product, the AP384XG
is capable to allow the system consuming only 0.5W
power in standby mode.
In normal operation, the AP384XG features adjustable
frequency by using an external resistor and capacitor
combination. When output power falls below a given
level, the IC automatically switches to the skip mode,
which works by skipping switching cycles. The
AP384XG also features low start-up and low standby
operating current for its special topology.
The AP384XG provides accurate protection against
over-temperature, over-current and maximal output
power.
The AP384XG is available in SOIC-8 and DIP-8
packages.
Features
·
Green Mode PWM Controller to Support the
"Blue Angel" Norm
·
Adjustable Skip Cycle Mode Operation
·
Low Start-up Current: 50
µA (Typ.)
·
Low Standby Operating Current: 6mA
·
Internal Leading Edge Blanking
·
Adjustable Oscillator Frequency up to 500KHz
·
Totem Pole Output
·
Under Voltage Lock Out (UVLO)
·
Over-Temperature Protection
·
Pin to Pin Replacement for AZ384XA
Applications
·
Off-line Converter
·
DC-DC Converter
·
DVD/STB Power Supply
·
Power Adapter
·
CRT Monitor Power Supply
Figure 1. Package Types of AP384XG
SOIC-8
DIP-8


Similar Part No. - AP3844GM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3844GM-E1 DIODES-AP3844GM-E1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3844GM-G1 DIODES-AP3844GM-G1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3844GMTR-E1 DIODES-AP3844GMTR-E1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3844GMTR-G1 DIODES-AP3844GMTR-G1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3844GM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com