Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3845CP Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # 3845CP
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

3845CP Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  3845CP Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 3845CP Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
2
Sep. 2006 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP3842C/3C/4C/5C (Top View)
Pin Configuration
Pin Description
Pin Number
Pin Name
Function
1
COMP
This pin is the Error Amplifier output and is made available for loop compensation.
2VFB
The inverting input of the Error Amplifier. It is normally connected to the switching
power supply output through a resistor divider.
3ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses
this information to terminate the output switch conduction.
4RT/CT
The Oscillator frequency and maximum output duty cycle are programmed by con-
necting resistor RT to VREF and capacitor CT to ground. Operation to 500 kHz is possi-
ble.
5
GND
The combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0 A are
sourced and sunk by this pin.
7VCC
The positive supply of the control IC.
8VREF
This is the reference output. It provides charging current for capacitor CT through
resistor RT.
P/M Package
(DIP-8/SOIC-8)
COMP
ISENSE
VFB
RT/CT
8
VREF
7
VCC
6
OUTPUT
5
GND
1
2
3
4


Similar Part No. - 3845CP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
Heyco.
3845 HEYCO-3845 Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
logo
ERNI Electronics
384517 ERNI-384517 Datasheet
91Kb / 1P
   ERMET MESSERLEISTE B
logo
Tyco Electronics
38454 MACOM-38454 Datasheet
197Kb / 5P
   AMP PRO CRIMPER 2 Hand Tool Assemly
logo
ERNI Electronics
384576 ERNI-384576 Datasheet
56Kb / 1P
   Male Con.C/2 48 solder
More results

Similar Description - 3845CP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com