Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3845GMTR Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3845GMTR
Description  GREEN MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3845GMTR Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3845GMTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3845GMTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
4
Aug. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Gate Output Current
IO
± 1
A
Analog Inputs (pin2, 3)
V(ANA)
-0.3 to 6.3
V
Error Amp Output Sink Current
ISINK(E.A)
20
mA
Power Dissipation at TA< 25
oC (DIP-8)
PD (Note 3)
1000
mW
Power Dissipation at TA<25
oC (SOIC-8)
PD (Note 3)
460
mW
Storage Temperature Range
TSTG
-65 to 150
oC
Ambient Temperature
TA
-40 to 85
oC
Lead Temperature (Soldering, 10sec)
TLEAD
+300
oC
ESD (Machine Model)
300
V
Note 1:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indi-
cated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended
periods may affect device reliability.
Note 2: All voltages are with respect to pin GND and all currents are positive into specified terminal.
Note 3: Board thickness 1.6mm, board dimension 90mm
x 90mm.
Parameter
Symbol
Min
Max
Unit
Oscillation Frequency
f
500
KHz
Ambient Temperature
TA
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1, 2)


Similar Part No. - AP3845GMTR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3845GMTR-E1 DIODES-AP3845GMTR-E1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3845GMTR-G1 DIODES-AP3845GMTR-G1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3845GMTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com