Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGF1A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # EGF1A
Description  Fast Rectifiers (Glass Passivated)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

EGF1A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  EGF1A_01 Datasheet HTML 1Page - Fairchild Semiconductor EGF1A_01 Datasheet HTML 2Page - Fairchild Semiconductor EGF1A_01 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EGF1A-EGF1D, Rev. D
2001 Fairchild Semiconductor Corporation
EGF1A - EGF1D
Fast Rectifiers (Glass Passivated)
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Low forward voltage drop.
Low profile package.
Fast switching for high efficiency.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Thermal Characteristics
Symbol
Parameter
Device
Units
1A
1B
1C
1D
VF
Forward Voltage @ 1.0 A
1.0
V
trr
Reverse Recovery Time
I
F = 0.5 A, IR = 1.0 A, IRR = 0.25 A
50
ns
I
R
Reverse Current @ rated V
R
T
A = 25°C
T
A = 100°C
10
100
µA
µA
C
T
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
15
pF
Value
Symbol
Parameter
1A
1B
1C
1D
Units
V
RRM
Maximum Repetitive Reverse Voltage
50
100
150
200
V
I
F(AV)
Average Rectified Forward Current, @ T
L = 100°C
1.0
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
30
A
T
stg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
-65 to +175
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
2.0
W
RθJA
Thermal Resistance, Junction to Ambient*
85
°C/W
RθJL
Thermal Resistance, Junction to Lead*
30
°C/W
*Device mounted on FR-4 PCB 0.013 mm.


Similar Part No. - EGF1A_01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
EGF1A VISHAY-EGF1A_V01 Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Ultrafast Rectifier
01-Jan-2022
More results

Similar Description - EGF1A_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FES16AT FAIRCHILD-FES16AT_01 Datasheet
50Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
SeCoS Halbleitertechnol...
R1800FG SECOS-R1800FG Datasheet
211Kb / 2P
   Glass Passivated Fast Rectifiers
logo
Fairchild Semiconductor
FEP16DTA FAIRCHILD-FEP16DTA Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
FEP16DT FAIRCHILD-FEP16DT Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
1N4933GP FAIRCHILD-1N4933GP_01 Datasheet
46Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G_15 Datasheet
42Kb / 2P
   Glass Passivated Fast Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com