Selected language     English  ā–¼


AZ78MXX_07 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ78MXX_07
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

 
 4 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
4
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
D: TO-252-2 (1)
T: TO-220-3
E1: Lead Free
Blank: Tin Lead
AZ78MXX
-
TR: Tape and Reel
Blank: Tube
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-220-3
-40 to 125oC
AZ78M05T
AZ78M05T-E1
AZ78M05T
AZ78M05T-E1
Tube
AZ78M06T
AZ78M06T-E1
AZ78M06T
AZ78M06T-E1
Tube
AZ78M08T
AZ78M08T-E1
AZ78M08T
AZ78M08T-E1
Tube
AZ78M09T
AZ78M09T-E1
AZ78M09T
AZ78M09T-E1
Tube
AZ78M12T
AZ78M12T-E1
AZ78M12T
AZ78M12T-E1
Tube
TO-252-2
(1)
-40 to 125oC
AZ78M05D
AZ78M05D-E1
AZ78M05D
AZ78M05D-E1
Tube
AZ78M05DTR
AZ78M05DTR-E1
AZ78M05D
AZ78M05D-E1
Tape & Reel
AZ78M06D
AZ78M06D-E1
AZ78M06D
AZ78M06D-E1
Tube
AZ78M06DTR
AZ78M06DTR-E1
AZ78M06D
AZ78M06D-E1
Tape & Reel
AZ78M08D
AZ78M08D-E1
AZ78M08D
AZ78M08D-E1
Tube
AZ78M08DTR
AZ78M08DTR-E1
AZ78M08D
AZ78M08D-E1
Tape & Reel
AZ78M09D
AZ78M09D-E1
AZ78M09D
AZ78M09D-E1
Tube
AZ78M09DTR
AZ78M09DTR-E1
AZ78M09D
AZ78M09D-E1
Tape & Reel
AZ78M12D
AZ78M12D-E1
AZ78M12D
AZ78M12D-E1
Tube
AZ78M12DTR
AZ78M12DTR-E1
AZ78M12D
AZ78M12D-E1
Tape & Reel
05: AZ78M05
06: AZ78M06
08: AZ78M08
09: AZ78M09
12: AZ78M12
Ordering Information




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
LM317_061.5 A Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AZ78LXX_073-TERMINAL POSITIVE LINEAR REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM317L_05100 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317M_06500 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl