Selected language     English  ▼


AZ78MXX_07 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ78MXX_07
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

 6 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
6
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
4.855.2
V
VIN=7V to 15V, IOUT=5mA to 350mA
4.75
5
5.25
V
Line Regulation
VRLINE
TJ=25
oC, V
IN=7V to 15V, IOUT=200mA
350
mV
Load Regulation
VRLOAD
TJ=25
oC, I
OUT=5mA to 500mA
20
100
mV
Quiescent Current
IQ
TJ=25
oC, I
OUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=8V to 15V, IOUT=200mA
0.8
mA
IOUT=5mA to 350mA
0.5
Ripple Rejection
∆V
IN/∆VOUT
VIN=8V to 15V, f=120Hz, IOUT=200mA
62
73
dB
Dropout Voltage
VIN-VOUT
∆V
OUT =1%, TJ=25
oC
2V
Output Noise Voltage
NO
TA=25
oC, f=10Hz to 100KHz
40
µV
Short Circuit Current
ISC
TJ=25
oC, V
IN=15V
350
mA
Peak Output Current
IPK
TJ=25
oC
700
mA
Output Voltage Drift
∆V
OUT/∆TIOUT=5mA
0.2
mV/oC
AZ78M05 (VIN=10V, IOUT=350mA, TJ=-40
oC to 125 oC, P
D ≤ 5W, unless otherwise noted)
AZ78M06 (VIN=11V, IOUT=350mA, TJ=-40
oC to 125 oC, P
D ≤ 5W, unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
5.75
6
6.25
V
VIN=8V to 15V, IOUT=5mA to 350mA
5.766.3
V
Line Regulation
VRLINE
TJ=25
oC, V
IN=8V to 15V, IOUT=200mA
550
mV
Load Regulation
VRLOAD
TJ=25
oC, I
OUT=5mA to 500mA
20
120
mV
Quiescent Current
IQ
TJ=25
oC, I
OUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=9V to 15V, IOUT=200mA
0.8
mA
IOUT=5mA to 350mA
0.5
Ripple Rejection
∆V
IN/∆VOUT
VIN=9V to 15V, f=120Hz, IOUT=200mA
59
65
dB
Dropout Voltage
VIN-VOUT
∆V
OUT =1%, TJ=25
oC
2V
Output Noise Voltage
NO
TA=25
oC, f=10Hz to 100KHz
45
µV
Short Circuit Current
ISC
TJ=25
oC, V
IN=15V
350
mA
Peak Output Current
IPK
TJ=25
oC
700
mA
Output Voltage Drift
∆V
OUT/∆TIOUT=5mA
0.2
mV/oC
Electrical Characteristics




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
LM317_061.5 A Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AZ78LXX_073-TERMINAL POSITIVE LINEAR REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM317L_05100 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317M_06500 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl