Selected language     English  ▼


AZ78MXX_07 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part No. AZ78MXX_07
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

 
 1 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
1
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
General Description
The AZ78MXX series are monolithic integrated cir-
cuits designed as fixed-voltage regulators for a wide
variety of applications including local, on-card regula-
tion.
This series of regulators are complete with internal cur-
rent limiting, thermal shutdown protection, and safe-
area compensation which make them virtually immune
from output overload. If adequate heat sinking are
provided, these regulators can deliver output currents
up to 0.5A.
The AZ78MXX series are available in two standard
plastic packages: TO-220-3 and TO-252-2 (1).
Features
·
Output Current up to 0.5A
·
Fixed Output Voltages of 5V, 6V, 8V, 9V and 12V
·
Output Voltage Tolerances of
±5% over the Full
Temperature Range
·
Internal Short Circuit Current-limiting
·
Internal Thermal Overload Protection
Applications
·
Consumer Electronics
·
Microprocessor Power Supply
·
Mother Board I/O Power Supply
TO-220-3
TO-252-2 (1)
Figure 1. Package Types of AZ78MXX




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
LM317_061.5 A Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AZ78LXX_073-TERMINAL POSITIVE LINEAR REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM317L_05100 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317M_06500 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl