Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4558CM Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # 4558CM
Description  DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

4558CM Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  4558CM Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 4558CM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C
Data Sheet
4
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Operating Conditions: VCC=+15V, VEE=-15V, TA=25
oC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
15
mV
Input Offset Current
IIO
VCM=0V
10
100
nA
Input Bias Current
IIB
VCM=0V
70
400
nA
Large Signal Voltage Gain
AVD
RL=2KΩ, VO=±10V
85
100
dB
Supply Voltage Rejection Ratio
SVR
RS≤10KΩ
80
100
dB
Supply Current
ICC
All Amplifiers, No Load
2.5
4.5
mA
Input Common Mode Voltage
Range
VICM
±12
V
Common Mode Rejection Ratio
CMRR
RS≤10KΩ
70
95
dB
Output Voltage Swing
VO
RL≥10KΩ
±12
±14
V
RL≥2KΩ
±10
±13
Slew Rate
SR
VI=±10V, RL=2KΩ, CL=100pF, unity
gain
1.8
V/
µs
Rise Time
TR
VI=±20mV, RL=2KΩ, CL=100pF, unity
gain
0.3
µs
Overshoot
KOV
VI=±20mV, RL=2KΩ, CL=100pF, unity
gain
15
%
Input Resistance
RI
0.5
M
Output Resistance
RO
45
Unity Gain Bandwidth
B
Gain=0dB
2.8
MHz
Gain Bandwidth Product
GBWP
VI=±10mV, RL=2KΩ,
CL=100pF, f=10KHz
5.5
MHz
Total Harmonic Distortion Plus
Noise
THD+N
f=1KHz, AV=6dB, RL=10KΩ,
VO=1VRMS,
0.002
%
Equivalent Input Noise Voltage
Density
eN
RS=100Ω, f=1KHz
10
Output Current
ISINK
V-=1V, V+= 0V, VO=2V
60
mA
ISOURCE
V+=1V, V-= 0V, VO=2V
35
nV
Hz
----------


Similar Part No. - 4558CM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
4558CM BCDSEMI-4558CM Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - 4558CM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4559 BCDSEMI-AZ4559 Datasheet
146Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33172-MC35172 STMICROELECTRONICS-MC33172-MC35172 Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
MC33172 STMICROELECTRONICS-MC33172_08 Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558 STMICROELECTRONICS-TJM4558 Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com