Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6651BU-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AM6651BU-E1
Description  MOTOR CONTROL CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM6651BU-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AM6651BU-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM6651BU-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet
MOTOR CONTROL CIRCUIT
AM6651B
4
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
16
V
Supply Current
ICC
500 (Note 2)
mA
Power Dissipation
PD
1300
mW
Storage Temperature Range
TSTG
-40 to 150
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.5
14.4
V
Operating Temperature
TA
070
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Note 2: The transient startup/shutdown current is allowed to exceed 1.0A.
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-126B
0 to 70 ℃
AM6651BU
AM6651BU-E1
AM6651BU
AM6651BU-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
U: TO-126B
E1: Lead Free
Blank: Tin Lead
AM6651B
-
Blank: Tube


Similar Part No. - AM6651BU-E1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM6602 AITSEMI-AM6602 Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
AM6602E6R AITSEMI-AM6602E6R Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
AM6602E6VR AITSEMI-AM6602E6VR Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
logo
Analog Power
AM6612N ANALOGPOWER-AM6612N Datasheet
214Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM6612N DOINGTER-AM6612N Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AM6651BU-E1

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_16 Datasheet
155Kb / 5P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
   Motor Control Circuit
logo
Seaward Electronics Inc...
SE6651 SEAWARD-SE6651 Datasheet
120Kb / 4P
   Motor Control Circuit
logo
Unisonic Technologies
AN6652 UTC-AN6652 Datasheet
111Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6652 PANASONIC-AN6652 Datasheet
33Kb / 2P
   Motor Control Circuit
logo
Wuxi Youda electronics ...
YD6651B YOUDA-YD6651B Datasheet
84Kb / 3P
   MOTOR CONTROL CIRCUIT
YD6652 YOUDA-YD6652 Datasheet
129Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_15 Datasheet
115Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Wuxi Youda electronics ...
YD5530 YOUDA-YD5530 Datasheet
131Kb / 3P
   MOTOR CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com