Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3844GMTR-E1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3844GMTR-E1
Description  GREEN MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3844GMTR-E1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3844GMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3844GMTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
10
Aug. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Application
Figure 12. Typical Application of AP384XG in AC/DC Converter
+
8
4
6
3
+
JP1
AC
90 to 264V
R2
1.2M
C14
100
µ/400V
C2
0.01
µ
600V
R3
39k
2W
D1
FR107
T
D3
8TQ100
L3
10
µ
C9
2200
µ
C10
1000
µ
C11
1
µ
R21
3k
Z2
SA12A
JP2
12V/5A
C1 47
µ
R4 4.7
D2
1N4001
U1
AP384XG
V
cc
7
2
1
5
VCC
REF
FB
R
T/CT
COMP
OUTPUT
GND
CS
U2 PC817
C5
220p
R14
130k
R13
15k
R12
100
Z1
1N5819
R7
2k
R6
10
Q1
IRF830
R9
10k
R10
0.51/1W
C6
220p/600V
R5
10k
C8
0.22
µ
R15
100
R16
8.2k
W1
1k
R18
1k
R17
2k
U3
AZ431
NTC
C3
0.1
µ
C4
3.3n
+
R11
820
C7
680p
R19
10
C15
2.2n
R20
1M


Similar Part No. - AP3844GMTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3844GMTR-E1 DIODES-AP3844GMTR-E1 Datasheet
341Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3844GMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com