Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ78M06D Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78M06D
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78M06D Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ78M06D Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78M06D Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
5
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
Operating Junction Temperature
TJ
150
oC
Lead Temperature (Soldering, 10sec.)
TLEAD
260
oC
Power Dissipation
PD
Internally Limited
W
Storage Temperature Range
TSTG
-65 to 150
oC
Thermal Resistance
θ
JA
TO-220-3
60
oC/W
TO-252-2 (1)
100
ESD (Human Body Model)
ESD
2500
V
ESD (Machine Model)
ESD
450
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
18
V
Operating Junction Temperature Range
TJ
-40
125
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ78M06D

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78M06D BCDSEMI-AZ78M06D Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78M06D-TR BCDSEMI-AZ78M06D-TR Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78M06D-TRE1 BCDSEMI-AZ78M06D-TRE1 Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78M06DE1 BCDSEMI-AZ78M06DE1 Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AZ78M06D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com