Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2316R-2.5TRE1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2316R-2.5TRE1
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2316R-2.5TRE1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2316R-2.5TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2316R-2.5TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2316
9
Apr. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 12. PSRR vs. Frequency
10
100
1k
10k
100k
10
20
30
40
50
60
70
80
Frequency (Hz)
Typical Performance Characteristics (Continued)


Similar Part No. - AP2316R-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP2316G10ST SCHNEIDER-AP2316G10ST Datasheet
72Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LGTH 10FT 1600A
AP2316G4ST SCHNEIDER-AP2316G4ST Datasheet
89Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 4FT 1600A
AP2316G8ST SCHNEIDER-AP2316G8ST Datasheet
63Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 8 FOOT
logo
Advanced Power Electron...
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP2316R-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com