Selected language     English  ▼


AS7805A Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part No. AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

 6 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS7805A
Preliminary Datasheet
6
Mar. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
4.9
5
5.1
V
IOUT=5mA to 1A, VIN=7.5V to 20V,
PD≤15W
4.8
5.2
Line Regulation
VRLINE
VIN=7.5V to 20V,
IOUT=500mA, TJ=25
oC
25
50
mV
VIN=7.5V to 20V,
IOUT=500mA, TJ=75
oC
15
40
mV
Load Regulation
VRLOAD
VIN=10V, IOUT=5mA to 1A, TJ=25
oC
20
50
mV
Quiescent Current
IQ
VIN=10V, IOUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=8V to 25V, IOUT=500mA, TJ=25
oC
0.3
0.8
mA
IOUT=5mA to 1A, TJ=25
oC
0.08
0.5
Ripple Rejection
PSRR
VIN=8V to 18V, f=120Hz, IOUT=500mA
70
dB
Dropout Voltage
VDROP
∆V
OUT=1%, IOUT=1A, TJ=25
oC
2V
Output Noise Voltage
NO
f=10Hz to 100kHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1kHz
10
m
Short Circuit Current
ISC
VIN=35V, TA=25
oC
0.05
A
Peak Output Current
IPK
VIN=10V, TJ=25
oC
2.2
A
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
0.4
mV/oC
(
∆V
OUT/VOUT)/∆T
80
ppm/oC
Electrical Characteristics
VIN=10V, IOUT=1A, TJ=-40 to 125
oC, unless otherwise specified.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ78MXX_07500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
AZ78LXX_073-TERMINAL POSITIVE LINEAR REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
GM6251ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl