Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ78M12T-E1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78M12T-E1
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78M12T-E1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ78M12T-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78M12T-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
2
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AZ78MXX (Top View)
T Package
(TO-220-3)
D Package
(TO-252-2 (1))
Pin Configuration
Pin Description
Pin Number
Pin Name
Function
1
INPUT
Voltage Input
2
GND
Ground
3
OUTPUT
Voltage Output
INPUT
OUTPUT
GND
1
2
3
1
2
3
INPUT
OUTPUT
GND


Similar Part No. - AZ78M12T-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78M12T-TR BCDSEMI-AZ78M12T-TR Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78M12T-TRE1 BCDSEMI-AZ78M12T-TRE1 Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AZ78M12T-E1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com