Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4010IL6X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN4010IL6X
Description  High-Side Current Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4010IL6X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN4010IL6X Datasheet HTML 2Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 3Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 4Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 5Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 6Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 7Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 8Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 9Page - Fairchild Semiconductor FAN4010IL6X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4010 Rev. 1.0.1
6
0
0.00001
Frequency (MHz)
-10
-20
-30
-40
-50
-60
-70
-80
-90
0.0001 0.001
0.01
0.1
1
10
VIN = 5V
PIN = -20dBm
ROUT = 100Ω
2.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
6.0
VSENSE = 10mV
VSENSE = 100mV
VSENSE = 1mV
+1 SIGMA
VSENSE = 200mV
ROUT = 0Ω
Average of 100 parts
-1 SIGMA
Average
6.0
0
VSENSE (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
VIN = 5V
ROUT = 100Ω
Typical Performance Characteristics (Continued)
TA = 25°C, Vs = VIN = 5V, ROUT = 100Ω, RSENSE = 100Ω, unless otherwise noted.
Figure 10. CMRR vs. Frequency
Figure 11. VIN vs. Output Current Error
Figure 12. Supply Current vs. VSENSE


Similar Part No. - FAN4010IL6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4010IL6X ONSEMI-FAN4010IL6X Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
FAN4010IL6X-F113 ONSEMI-FAN4010IL6X-F113 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
logo
Fairchild Semiconductor
FAN4010IL6X_F113 FAIRCHILD-FAN4010IL6X_F113 Datasheet
453Kb / 9P
   High-Side Current Sensor
More results

Similar Description - FAN4010IL6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4010 FAIRCHILD-FAN4010_08 Datasheet
453Kb / 9P
   High-Side Current Sensor
logo
ON Semiconductor
FAN4010 ONSEMI-FAN4010 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
logo
Microchip Technology
PAC1921 MICROCHIP-PAC1921 Datasheet
1Mb / 56P
   High-Side Current/Power Sensor
01/27/15
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
logo
Supertex, Inc
HV7800 SUTEX-HV7800 Datasheet
365Kb / 6P
   High Side Current Monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009_11 Datasheet
203Kb / 8P
   HIGH-SIDE CURRENT MONITOR
logo
TECH PUBLIC Electronics...
TP1001S3 TECHPUBLIC-TP1001S3 Datasheet
1Mb / 5P
   HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com