Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ393CP-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ393CP-E1
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ393CP-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ393CP-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ393CP-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393/393C
4
Aug. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Note 2: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to
the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input
diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip.
This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground
for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal out-
put states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3
VDC (at 25
oC).
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
20
V
Differential Input Voltage
VID
20
V
Input Voltage
VIN
-0.3 to 20
V
Input Current (VIN < -0.3V) (Note 2)
IIN
50
mA
Power Dissipation (TA=25
oC)
PD
DIP-8
780
mW
SOIC-8
660
Output Short Circuit to Ground
Continuous
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 seconds)
TLEAD
260
oC
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
218
V
Operating Temperature Range
TA
-40
85
oC


Similar Part No. - AZ393CP-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ393C BCDSEMI-AZ393C Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - AZ393CP-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com