Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ431LAZTR Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431LAZTR
Description  LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431LAZTR Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ431LAZTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431LAZTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L
Data Sheet
3
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Ordering Information
Circuit Type
Voltage Tolerance
B: 1.0%
A: 0.5%
E1: Lead Free
Blank: Tin Lead
AZ431L
-
Package
Tempera-
ture Range
Voltage
Tolerance
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-92
-40 to 125oC
0.5%
AZ431LAZ
AZ431LAZ-E1
AZ431LAZ
AZ431LAZ-E1
Bulk
0.5%
AZ431LAZTR
AZ431LAZTR-E1
AZ431LAZ
AZ431LAZ-E1
Ammo
1.0%
AZ431LBZ
AZ431LBZ-E1
AZ431LBZ
AZ431LBZ-E1
Bulk
1.0%
AZ431LBZTR
AZ431LBZTR-E1
AZ431LBZ
AZ431LBZ-E1
Ammo
SOT-23
-40 to 125oC
0.5%
AZ431LANTR-E1
EA6
Tape & Reel
1.0%
AZ431LBNTR-E1
EA7
Tape & Reel
SOT-23-5
-40 to 125
oC
0.5%
AZ431LAKTR
AZ431LAKTR-E1
K41
E5A
Tape & Reel
1.0%
AZ431LBKTR
AZ431LBKTR-E1
K42
E6A
Tape & Reel
SOT-89-3
-40 to 125oC
0.5%
AZ431LARTR
AZ431LARTR-E1
R41A
E41A
Tape & Reel
1.0%
AZ431LBRTR
AZ431LBRTR-E1
R41B
E41B
Tape & Reel
Package
Z: TO-92
TR: Tape and Reel or Ammo
Blank: Bulk
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
N: SOT-23
K: SOT-23-5
R: SOT-89-3


Similar Part No. - AZ431LAZTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431LAZTR-E1 BCDSEMI-AZ431LAZTR-E1 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LAZTR-E1 BCDSEMI-AZ431LAZTR-E1 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AZ431LAZTR-E1 DIODES-AZ431LAZTR-E1 Datasheet
617Kb / 20P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ431LAZTR-G1 BCDSEMI-AZ431LAZTR-G1 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LAZTR-G1 BCDSEMI-AZ431LAZTR-G1 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ431LAZTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com