Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3602BKTR-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3602BKTR-E1
Description  100mA REGULATED CHARGE PUMP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3602BKTR-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3602BKTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3602BKTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
100mA REGULATED CHARGE PUMP
AP3602A/B
5
Apr. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
(CFLY=1µF, CIN=COUT=10µF, TA=25
oC, unless otherwise specified.)
For AP3602A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
VO=5V
2.7
VO
V
Quiescent Current
IQ
VIN=2.7V to 5.0V, IO=0mA,
VSHDN =VIN, Not Switching
13
30
µA
Output Voltage
VO
2.7V<VIN<5V, IO50mA
4.8
5.0
5.2
V
3.0V<VIN<5V, IO100mA
4.8
5.0
5.2
Shutdown Supply Current
ISHDN
2.7V<VIN<3.6V, IO=0, VSHDN =0V
0.01
1
µA
3.6V<VIN<5.0V, IO=0, VSHDN =0V
2.5
Ripple Voltage
VRIPPLE
VIN=2.7V, IO=50mA
25
mVPP
VIN=3V, IO=100mA
30
Efficiency
η
VIN=2.7V, IO=50mA
92
%
Frequency
fOSC
Oscillator free running
1.2
MHz
SHDN Input Threshold
High
VIH
1.4
V
SHDN Input Threshold
Low
VIL
0.3
SHDN Input Current High
IIH
VSHDN =VIN
-1
1
µA
SHDN Input Current Low
IIL
VSHDN =GND
-1
1
VOUT Turn-on Time
tON
VIN=3V, IO=0mA
0.2
ms
Short-Circuit Current
ISC
VIN=3V, VO=GND, VSHDN =3V
300
mA
Electrical Characteristics


Similar Part No. - AP3602BKTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
AP3602AKTR-G1 DIODES-AP3602AKTR-G1 Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
More results

Similar Description - AP3602BKTR-E1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com