Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2940D-3.3TRE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ2940D-3.3TRE1
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ2940D-3.3TRE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ2940D-3.3TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ2940D-3.3TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940
Data Sheet
4
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-220-3
AZ2940T-2.5
AZ2940T-2.5E1
AZ2940T-2.5
AZ2940T-2.5E1
Tube
AZ2940T-3.3
AZ2940T-3.3E1
AZ2940T-3.3
AZ2940T-3.3E1
Tube
AZ2940T-5.0
AZ2940T-5.0E1
AZ2940T-5.0
AZ2940T-5.0E1
Tube
TO-263-3
AZ2940S-2.5
AZ2940S-2.5E1
AZ2940S-2.5
AZ2940S-2.5E1
Tube
AZ2940S-2.5TR
AZ2940S-2.5TRE1
AZ2940S-2.5
AZ2940S-2.5E1
Tape & Reel
AZ2940S-3.3
AZ2940S-3.3E1
AZ2940S-3.3
AZ2940S-3.3E1
Tube
AZ2940S-3.3TR
AZ2940S-3.3TRE1
AZ2940S-3.3
AZ2940S-3.3E1
Tape & Reel
AZ2940S-5.0
AZ2940S-5.0E1
AZ2940S-5.0
AZ2940S-5.0E1
Tube
AZ2940S-5.0TR
AZ2940S-5.0TRE1
AZ2940S-5.0
AZ2940S-5.0E1
Tape & Reel
TO-252-2
(1)
AZ2940D-2.5
AZ2940D-2.5E1
AZ2940D-2.5
AZ2940D-2.5E1
Tube
AZ2940D-2.5TR
AZ2940D-2.5TRE1
AZ2940D-2.5
AZ2940D-2.5E1
Tape & Reel
AZ2940D-3.3
AZ2940D-3.3E1
AZ2940D-3.3
AZ2940D-3.3E1
Tube
AZ2940D-3.3TR
AZ2940D-3.3TRE1
AZ2940D-3.3
AZ2940D-3.3E1
Tape & Reel
AZ2940D-5.0
AZ2940D-5.0E1
AZ2940D-5.0
AZ2940D-5.0E1
Tube
AZ2940D-5.0TR
AZ2940D-5.0TRE1
AZ2940D-5.0
AZ2940D-5.0E1
Tape & Reel
-40 to 125
oC
-40 to 125
oC
-40 to 125
oC
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Package
Circuit Type
T: TO-220-3
AZ2940
S: TO-263-3
-
3.3: Fixed Output 3.3V
Blank: Tin Lead
E1: Lead Free
TR: Tape and Reel
Blank: Tube
5.0: Fixed Output 5.0V
D: TO-252-2 (1)
2.5: Fixed Output 2.5V
Ordering Information


Similar Part No. - AZ2940D-3.3TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940D-3.3TRE1 BCDSEMI-AZ2940D-3.3TRE1 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940D-3.3TRE1 BCDSEMI-AZ2940D-3.3TRE1 Datasheet
907Kb / 22P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ2940D-3.3TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com