Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1084S-5.0E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084S-5.0E1
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084S-5.0E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1084S-5.0E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1084S-5.0E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
7
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation
∆V
OUT
AZ1084-ADJ, 0mA
≤I
OUT≤5A,
VIN-VOUT=3V
0.1
0.2
0.3
0.4
%
AZ1084-1.5, 0mA
≤I
OUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084-1.8, 0mA
≤ I
OUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084-2.5, 0mA
≤I
OUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084-2.85, 0mA
≤I
OUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084-3.3, 0mA
≤I
OUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1084-5.0, 0mA
≤I
OUT≤5A,
VIN-VOUT=3V
5
10
20
35
mV
Dropout Voltage
VDROP
IOUT=5A, ∆VREF, ∆VOUT=1%
1.3
1.5
V
Current Limit
ILIMIT
VIN-VOUT=3V
5.5
6.5
A
Minimum
Load Current
ILOAD (MIN)
VIN=10V (AZ1084-ADJ)
3
10
mA
Quiescent Current
IQ
VIN=10V (AZ1084)
5
10
mA
Ripple Rejection
PSRR
fRIPPLE=120Hz, COUT=25µF Tantalum,
IOUT=5A, VIN-VOUT=3V
60
72
dB
Adjust Pin Current
IADJ
VIN=4.25V, IOUT=10mA
55
120
µA
Adjust Pin Current
Change
∆I
ADJ
10mA
≤I
OUT≤5A,
1.5V
≤(V
IN-VOUT)≤4.5V
0.2
5
µA
Temperature
Stability
IOUT=10mA, VIN-VOUT=1.5
0.5
%
Long Term Stability
TA=125
oC, 1000Hrs
0.5
%
RMS Noise
(% of VOUT)
10Hz
≤f≤10kHz
0.003
%
Typicals and limits appearing in normal type apply for TJ=25
oC. Limits appearing in Boldface type apply over
the entire operating junction temperature range.


Similar Part No. - AZ1084S-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084S-5.0E1 BCDSEMI-AZ1084S-5.0E1 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084S-5.0E1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com