Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ6208BM Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ6208BM
Description  REVERSIBLE MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ6208BM Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ6208BM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ6208BM Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
REVERSIBLE MOTOR DRIVER
AZ6208B
Data Sheet
6
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Current
IO
200
mA
Output Saturation Voltage
VCE
IO=100mA
1.6
V
Input High Level Voltage
VIH
2.0
V
Input Low Level Voltage
VIL
0.8
V
Standby Supply Current
IST
When input A and B are
both low level
0.4
mA
Input High Level Current
IIH
VIH=4.5V
400
µA
(VCC=9V, TA= 25
oC, unless otherwise specified.)
Electrical Characteristics
Input and Output Truth Table (Note 4)
IN A
IN B
OUT A
OUT B
HL
H
L
LH
L
H
HH
L
L
L
L
OPEN
OPEN
Note 4: High level input is 2.0V or more.
Low level input is 0.8V or less.


Similar Part No. - AZ6208BM

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ6225-01F AMAZING-AZ6225-01F Datasheet
293Kb / 7P
   Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2014/12/03
AZ6225-01F.R7GR AMAZING-AZ6225-01F.R7GR Datasheet
293Kb / 7P
   Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2014/12/03
logo
Texas Instruments
AZ62P42 TI-AZ62P42 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
AZ62P43 TI-AZ62P43 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
AZ62P44 TI-AZ62P44 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - AZ6208BM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com