Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7547AM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7547AM
Description  LCD Backlight Inverter Drive IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7547AM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7547AM Datasheet HTML 1Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 2Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 3Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 4Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 5Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 6Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 7Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 8Page - Fairchild Semiconductor FAN7547AM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7547A Rev. 1.0.3
5
Electrical Characteristics
Unless otherwise noted, these specifications apply to the operating ambient temperatures for the FAN7547A with
-25
°C ≤ T
A ≤ 85°C and VCC = 10V.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
UVLO SECTION
VST
Start Voltage
4.9
5.4
5.9
V
IST
Start Current
VCC = 4.5V
50
200
μA
ICC
Operating Current
7V < VCC< 30V
5.5
8.0
mA
REFERENCE SECTION
Vref
Reference Voltage
TJ = 25°C, Iref = 0mA, 7V < VCC< 30V
2.95
3.05
3.15
V
SOFT-START SECTION
ISS
Soft -Start Charge Current
CSS = 4V
33
40
47
μA
Ipwm
PWM Discharge Current
CSS = 4V
48
70
85
μA
OSCILLATOR SECTION
fpwm
Operating Frequency
7V < VCC < 30V
170
200
230
Hz
Vpwmh
Osc High Voltage
1.3
V
VpwmI
Osc Low Voltage
0.1
V
DIMMING SECTION
Va
Analog Dimming Range
Vms > 2V
03
V
Vb
3V
Va
PWM Dimming Range
Vms < 1V
2.1
2.5
2.9
V
Vb
02.5
V
Va
Mixed Dimming Range
Vms =1.5V or open
1.2
3.0
V
Vb
03
V
MODE SELECTION
Vsa
Analog Dimming Select Voltage
1.5
2.0
2.5
V
Vsp
PWM Dimming Select Voltage
0.7
1.0
1.3
V
Vsc
Mixed Dimming Select Voltage
1.2
1.5
1.8
V
OPEN-LAMP PROTECTION
Vopen
Open-Lamp Detect Voltage
7V < VCC < 30V
2.5
3.0
3.5
V
SHUTDOWN PROTECTION
Isd
Shutdown Current
7V < VCC < 30V
123
μA
Vsd
Shutdown Voltage
2.5
3.0
3.5
V
OUTPUT SECTION
VOH
Output High Voltage
VCC = 10V
8
9
10
V
VOL
Output Low Voltage
VCC = 10V
1
V
tr
Rising Time
VCC = 10V
120
200
ns
tf
Falling Time
VCC = 10V
60
120
ns
VUV
Output Voltage with UVLO
Activated
VCC = 4V
2
4
V


Similar Part No. - FAN7547AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
FAN7544M FAIRCHILD-FAN7544M Datasheet
1Mb / 14P
   Simple Ballast Controller
FAN7544MX FAIRCHILD-FAN7544MX Datasheet
1Mb / 14P
   Simple Ballast Controller
FAN7544N FAIRCHILD-FAN7544N Datasheet
1Mb / 14P
   Simple Ballast Controller
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
More results

Similar Description - FAN7547AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com