Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7500CM Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7500CM
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7500CM Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7500CM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7500CM Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B/C
Data Sheet
8
Apr. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
V
ref
Amplifier Under Test
FEEDBACK
V
I
Other Amplifier
+
+
Each Output
Circuit
C
L = 15pF
(See Note A)
68
4W
20V
Output
90%
10%
10%
90%
t
f
t
r
Each Output
Circuit
C
L = 15pF
(See Note A)
68
4W
20V
Output
90%
10%
10%
90%
t
f
t
r
Figure 5. Error Amplifier Characteristics
Figure 6. Common-Emitter Configuration
Figure 7. Emitter-Follower Configuration
Note A: CL includes probe and jig capacitance.
Note A: CL includes probe and jig capacitance.
Parametr Measurement information (Continued)


Similar Part No. - AZ7500CM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500CM-EA BCDSEMI-AZ7500CM-EA Datasheet
753Kb / 12P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500CM-GA BCDSEMI-AZ7500CM-GA Datasheet
753Kb / 12P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500CMTR-EA BCDSEMI-AZ7500CMTR-EA Datasheet
753Kb / 12P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500CMTR-GA BCDSEMI-AZ7500CMTR-GA Datasheet
753Kb / 12P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ7500CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com