Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ386 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ386
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ386 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ386 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ386 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LOW VOLTAGE AUDIO POWER AMPLIFIER
Oct. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
8
Data Sheet
AZ386
Typical Applications (Continued)
Figure 14. Amplifier With Gain=50
Figure 15. Low Distortion Power Wienbridge Oscillator
Figure 16. Amplifier With Bass Boost
Figure 17. Square Wave Oscillator
2
-
+
AZ386
V
CC
10K
3
4
250
µF
0.05
µF
10
6
1
8
5
7
10
µF
1.2K
V
IN
BYPASS
+
+
2
-
+
AZ386
V
CC
4.7K
3
50
µF
0.01
µF
47K
6
1
8
5
7
10
µF
0.01
µF
0.05
µF
10
R
L
390
V
O
BYPASS
CF-S-2158
ELDEMA
3V - 15mA
+
+
2
-
+
AZ386
V
CC
10K
3
4
250
µF
0.05
µF
10
6
8
1
5
7
R
L
10K
0.033
µF
V
O
+
V
IN
2
3
50
µF
6
1
8
4
7
5
AZ386
1K
10K
R
L
30K
V
CC
0.1
µF
f = 1KHz
V
O
-
+
+


Similar Part No. - AZ386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - AZ386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
   LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602_15 Datasheet
200Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
LM386 ARTSCHIP-LM386 Datasheet
411Kb / 9P
   Low Voltage Audio Power Amplifier
logo
Hangzhou Youwang Electr...
UTC386 YOUWANG-UTC386 Datasheet
80Kb / 2P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com