Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS393AM-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AS393AM-E1
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS393AM-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS393AM-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS393AM-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393/393A
BCD Semiconductor Manufacturing Limited
Data Sheet
5
Aug. 2006 Rev. 1.6
Figure 4. Supply Voltage vs. Supply Current
Figure 5. Supply Voltage vs. Input Bias Current
Typical Performance Characteristics
Negative Transition
Figure 7. Response Time for 5mV Input Overdrive -
Figure 6. Output Sink Current vs. Saturation Voltage
0
6
4
2
-100
0
-50
1.8 2.0
1.4 1.6
1.0 1.2
0.6 0.8
0.2 0.4
0
Time (
µs)
10m
100m
1
10
100
1E-3
0.01
0.1
1
10
I
O
-Output Sink Current (mA)
85
oC
70
oC
25
oC
-40
oC
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Supply Voltage (V)
Ta=-40
oC
Ta=0
oC
Ta=25
oC
Ta=70
oC
Ta=85
oC
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage (V)
-40
oC
0
oC
25
oC
70
oC
85
oC
V
IN
V
CC
5.1K
V
OUT
+
_


Similar Part No. - AS393AM-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS393AM-E1 BCDSEMI-AS393AM-E1 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393AM-E1 BCDSEMI-AS393AM-E1 Datasheet
759Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Diodes Incorporated
AS393AM-E1 DIODES-AS393AM-E1 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results

Similar Description - AS393AM-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com