Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1086D-5.0E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1086D-5.0E1
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1086D-5.0E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1086D-5.0E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086
Data Sheet
7
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation
∆V
OUT
AZ1086-ADJ,
10mA
≤I
OUT≤1.5A,
VIN-VOUT=2V
0.1
0.2
0.3
0.4
%
AZ1086-1.5,
10mA
≤I
OUT≤1.5A,
VIN-VOUT=2V
3
6
12
20
mV
AZ1086-1.8,
10mA
≤I
OUT≤1.5A,
VIN-VOUT=2V
3
6
12
20
mV
AZ1086-2.5,
10mA
≤I
OUT≤1.5A,
VIN-VOUT=2V
3
6
12
20
mV
AZ1086-3.0,
10mA
≤I
OUT≤1.5A,
VIN-VOUT=2V
3
7
15
20
mV
AZ1086-3.3,
10mA
≤I
OUT≤1.5A,
VIN-VOUT=2V
3
7
15
20
mV
AZ1086-5.0,
10mA
≤I
OUT≤1.5A,
VIN-VOUT=2V
5
10
20
35
mV
Dropout Voltage
VDROP
IOUT=1.5A, ∆VREF=1%
1.3
1.5
V
Current Limit
ILIMIT
VIN-VOUT=2V
1.5
2.3
A
Minimum
Load Current
ILOAD(MIN)
1.4V
≤V
IN-VOUT≤10V (For ADJ)
2
5
mA
Quiescent Current
IQ
VIN=VOUT+1.3V
5
10
mA
Ripple Rejection
PSRR
fRIPPLE=120Hz, COUT=25µF Tantalum,
IOUT=1.5A, VIN-VOUT=3V
60
75
dB
Adjust Pin Current
IADJ
60
120
µA
Adjust Pin Current
Change
∆I
ADJ
10mA
≤I
OUT≤1.5A,
1.4V
≤V
IN-VOUT≤10V
0.2
5
µA
Temperature
Stability
0.5
%
RMS Noise
(% of VOUT)
TA=25
oC, 10Hz
≤f≤10kHz
0.003
%
Thermal Shutdown
Junction Temperature
165
oC
Thermal Shutdown
Hysteresis
30
oC
Note 3: Maximum power dissipation see Figure 5.
the entire junction temperature range for operation, 0oC to 125oC. (PDmaximum power dissipation, see Note 3.)
Typicals and limits appearing in normal type apply for TJ=25
oC. Limits appearing in Boldface type apply over


Similar Part No. - AZ1086D-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086D-5.0E1 BCDSEMI-AZ1086D-5.0E1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1086D-5.0E1

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com