Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1086D-5.0TRE1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1086D-5.0TRE1
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1086D-5.0TRE1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1086D-5.0TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1086D-5.0TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086
Data Sheet
1
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
General Description
The AZ1086 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 1.5A of
load current.
The series features on-chip thermal shutdown. It also
includes a bandgap reference and a current limiting cir-
cuit.
The AZ1086 is available in 1.5V, 1.8V, 2.5V, 3.0V,
3.3V, and 5.0V versions. The fixed versions integrate
the adjust resistors. It is also available in an adjustable
version, which can set the output voltage with only two
external resistors.
The AZ1086 series is available in standard packages of
TO-263-3, TO-220-3, SOT-223 and TO-252-2 (1).
Features
·
Low Dropout Voltage: Typical 1.3V at 1.5A
·
Current Limiting and Thermal Protection
·
Output Current: 1.5A
·
Current Limit: 2.3A
·
Operating Junction Temperature: 0 to 125oC
·
Line Regulation: 0.015% (Typical)
·
Load Regulation: 0.1% (Typical)
Applications
·
High Efficiency Linear Regulators
·
Battery Charger
·
Post Regulation for Switching Supply
·
Microprocessor Supply
·
Motherboard Power Supply
·
Cable and ADSL Modem
·
DVD-Video Player
·
Telecom Equipment
·
Set Top Boxes and Web Boxes Modules' Supply
Figure 1. Package Types of AZ1086
TO-220-3
SOT-223
TO-252-2 (1)
TO-263-3


Similar Part No. - AZ1086D-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086D-5.0TRE1 BCDSEMI-AZ1086D-5.0TRE1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1086D-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com