Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5954AM28 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AM5954AM28
Description  4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5954AM28 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5954AM28 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A
8
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 7. Driver I/O Characteristics (Loading, Note 4)
Figure 8. Op Amp I/O Characteristics (Note 4)
Figure 5. Driver I/O Characteristics
Figure 6. Driver I/O Characteristics (Sled, Note 4)
01
2
3
45
0
1
2
3
4
5
V
CC
=5V
Op Amp Input Voltage: OP IN (V)
Typical Performance Characteristics
-1.0
-0.5
0.0
0.5
1.0
-4
-3
-2
-1
0
1
2
3
4
V
CC
=PV
CC
=5V
BIAS=2.5V
Input Voltage: V
IN
(V)
R
L
=4
R
L
=8
R
L
=12
R
L
=20
+
-
OP IN
OP OUT
V
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
-12
-8
-4
0
4
8
12
R
L
=20
R
L
=12
R
L
=8
Input Voltage: V
IN
(V)
V
CC
=PV
CC1
=12V
PV
CC2
=5V
BIAS=2.5V
-0.4
-0.2
0.0
0.2
0.4
-5
-4
-3
-2
-1
0
1
2
3
4
5
Input Voltage: V
IN
(V)
V
CC
=PV
CC1
=12V
PV
CC2
=5V
BIAS=2.5V
R
L
=4+100µH
R
L
=8+100µH
R
L
=12+100µH
R
L
=20+100µH
(Focus and Tracking, Note 4)
Note 4: Input voltage herein is referenced to Bias pin voltage.


Similar Part No. - AM5954AM28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5954AM28 ETC1-AM5954AM28 Datasheet
145Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR DVD
AM5954AM28-E1 ETC1-AM5954AM28-E1 Datasheet
145Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR DVD
More results

Similar Description - AM5954AM28

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com