Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1086T-2.5E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1086T-2.5E1
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1086T-2.5E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1086T-2.5E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1086T-2.5E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086
Data Sheet
8
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Output Voltage vs. Junction Temperature
Figure 5. Maximum Power Dissipation
25
50
75
100
125
0.0
2.5
5.0
7.5
10.0
SOT-223
Case Temperature (
oC)
0
25
50
75
100
125
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
Junction Temperature (
oC)
Figure 6. Reference Voltage vs. Junction Temperature
0
25
50
75
100
125
3.10
3.15
3.20
3.25
3.30
3.35
3.40
Junction Temperature (
oC)
0
2040
6080
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
Junction Temperature(
oC)
Figure 7. Load Regulation vs. Junction Temperature


Similar Part No. - AZ1086T-2.5E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086T-2.5E1 BCDSEMI-AZ1086T-2.5E1 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086T-2.5E1 BCDSEMI-AZ1086T-2.5E1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1086T-2.5E1

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com