Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH266Z4-AE1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AH266Z4-AE1
Description  HIGH VOLTAGE HALL EFFECT LATCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH266Z4-AE1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AH266Z4-AE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH266Z4-AE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HIGH VOLTAGE HALL EFFECT LATCH
AH266
Data Sheet
6
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 4. Basic Test Circuit
Magnetic Characteristics (Continued)
N
S
Marking Side
Figure 5. VDO vs. Magnetic Flux Density
Figure 6. VDOB vs. Magnetic Flux Density
-40
-20
0
20
40
2
4
6
8
10
12
14
16
DOB (V)
V
SAT
V
CC
Magnetic Flux Density B (Gauss)
-40
-20
0
20
40
2
4
6
8
10
12
14
16
DO (V)
V
SAT
V
CC
Magnetic Flux Density B (Gauss)
AH
266
V
CC
DO
DOB GND
12
3
4
+24V
DO (V
OUT1)
DOB (V
OUT2)
R1
R2
820
820
C1
C2
20pF 20pF


Similar Part No. - AH266Z4-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH266Z4-AE1 BCDSEMI-AH266Z4-AE1 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
More results

Similar Description - AH266Z4-AE1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266 Datasheet
177Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
   High Voltage Hall Effect Latch
logo
Diodes Incorporated
AH266 DIODES-AH266_13 Datasheet
215Kb / 7P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 DIODES-AH278 Datasheet
863Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com