Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH266Z4-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AH266Z4-E1
Description  HIGH VOLTAGE HALL EFFECT LATCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH266Z4-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AH266Z4-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH266Z4-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HIGH VOLTAGE HALL EFFECT LATCH
AH266
Data Sheet
5
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Low Supply Voltage
VCE
VCC=5V, IO=100mA
0.8
1.1
V
Output Saturation Voltage
VSAT1IO=500mA
1.1
1.5
V
Output Saturation Voltage
VSAT2IO=300mA
0.9
1.25
V
Output Leakage Current
IOL
VDO, VDOB=24V
0.1
10
µA
Supply Current
ICC
VCC=24V, Output Open
3.5
6
mA
Output Rise Time
tr
RL=820Ω, CL=20pF
3.0
10
µs
Output Fall Time
tf
RL=820Ω, CL=20pF
0.3
1.5
µs
Switch Time Differential
∆tR
L=820Ω, CL=20pF
3.0
10
µs
Output Zener Breakdown Voltage
VZO
61
V
(TA=25
oC, V
CC=24V, unless otherwise specified)
Electrical Characteristics
Parameter
Symbol
Grade
Min
Typ
Max
Unit
Operating Point
BOP
A10
70
Gauss
B
100
Gauss
Releasing Point
BRP
A-70
-10
Gauss
B
-100
Gauss
Hysteresis
BHYS
80
Gauss
Magnetic Characteristics
(TA=25
oC)
V
DO (V)
High
Low
B
HYS
V
SAT
0
S
N
B
RP
B
OP
Off-state
On-state
Turn off
Turn on
Magnetic Flux Density (Gauss)


Similar Part No. - AH266Z4-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH266Z4-E1 BCDSEMI-AH266Z4-E1 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
More results

Similar Description - AH266Z4-E1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266 Datasheet
177Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
   High Voltage Hall Effect Latch
logo
Diodes Incorporated
AH266 DIODES-AH266_13 Datasheet
215Kb / 7P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 DIODES-AH278 Datasheet
863Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com