Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH211Z4-AE1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AH211Z4-AE1
Description  TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH211Z4-AE1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AH211Z4-AE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH211Z4-AE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211
5
Mar. 2007 Rev. 1.3
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Saturation Voltage
VSAT
B>150Gauss, VCC=3.5V,
VDOB=VCC, IDO=100mA
(or B<-150Gauss, VCC=3.5V,
VDO=VCC, IDOB=100mA)
1.1
V
B>150Gauss,
VDOB=VCC, IDO=400mA
(or B<-150Gauss, VDO=VCC,
IDOB=400mA)
1.05
1.3
V
FG Saturation Voltage
VSATF
B<-150Gauss, VDO=VCC,
IFG=20mA
0.35
0.6
V
FG Leakage Current
IOLF
B>150Gauss, VDOB=VCC,
VFG=16V
0.1
10
µA
Supply Current
ICC
B>150Gauss, VDOB=VCC,
(or B<-150Gauss, VDO=VCC )
810
mA
Output Rise Time
tr
RL=1kΩ, CL=10pF
3.0
10
µs
Output Fall Time
tf
RL=1kΩ, CL=10pF
0.3
1.0
µs
Switch Time Differential
∆tR
L=1kΩ, CL=10pF
3.0
10
µs
Output Zener Breakdown Voltage
VZ
55
V
(TA=25
oC, V
CC=14V, unless otherwise specified)
Electrical Characteristics
Parameter
Symbol
Grade
Min
Typ
Max
Unit
Operating Point
BOP
A
5
30
60
Gauss
B90
Gauss
Releasing Point
BRP
A-60
-30
-5
Gauss
B
-90
Gauss
Hysteresis
BHYS
60
Gauss
Magnetic Characteristics
(TA=25
oC)


Similar Part No. - AH211Z4-AE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH211Z4-AE1 DIODES-AH211Z4-AE1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
More results

Similar Description - AH211Z4-AE1

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
   High Sensitivity Hall Effect Sensor IC with FG Output
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Allegro MicroSystems
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com