Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085S2-2.85 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085S2-2.85
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085S2-2.85 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1085S2-2.85 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085S2-2.85 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
1
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AZ1085 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 3A of
load current.
The series features on-chip thermal shutdown. It also
includes a bandgap reference and a current limiting cir-
cuit.
The AZ1085 is available in 1.5V, 1.8V, 2.5V, 2.85V,
3.3V, 5.0V and adjustable versions. The fixed versions
integrate the adjust resistors. The adjustable version
can set the output voltage with two external resistors.
The AZ1085 series is available in standard packages of
TO-263-2, TO-263-3, TO-220-3 and TO-252-2 (1).
Features
·
Low Dropout Voltage: Typical 1.3V at 3A
·
Current Limiting and Thermal Protection
·
Output Current: 3A
·
Current Limit: 4.5A
·
Operating Junction Temperature: 0 to 125oC
·
Line Regulation: 0.015% (Typical)
·
Load Regulation: 0.1% (Typical)
Applications
·
High Efficiency Linear Regulators
·
Battery Charger
·
Post Regulation for Switching Supplies
·
Microprocessor Supply
·
Mother Board Power Supplies
·
DVD-Video Player
·
Telecom Equipment
·
Set Top boxes and Web Boxes Modules' Supply
Figure 1. Package Types of AZ1085
TO-252-2 (1)
TO-220-3
TO-263-2
TO-263-3


Similar Part No. - AZ1085S2-2.85

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085S2-2.85 BCDSEMI-AZ1085S2-2.85 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085S2-2.85E1 BCDSEMI-AZ1085S2-2.85E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085S2-2.85TR BCDSEMI-AZ1085S2-2.85TR Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085S2-2.85TRE1 BCDSEMI-AZ1085S2-2.85TRE1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085S2-2.85

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com