Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ432BZTR-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ432BZTR-E1
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432BZTR-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ432BZTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ432BZTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
7
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Reference Current vs. Ambient Temperature
Figure 9. Cathode Current vs. Cathode Voltage
Figure 10. Cathode Current vs. Cathode Voltage
-50
-25
0
25
50
75
100
0.12
0.13
0.14
0.15
0.16
0.17
0.18
R1=10K
R2=Infinite
I
KA
=10mA
Ambient Temperature (
oC)
-1
0
1
-150
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
-1.0
-0.5
0.0
0.5
1.0
1.5
-300
-200
-100
0
100
200
300
400
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
-50
-25
0
25
50
75
100
125
150
1.247
1.248
1.249
1.250
1.251
1.252
1.253
Ambient Temperature (
oC)
V
KA
=V
REF
I
KA
=10mA
Typical Performance Characteristics


Similar Part No. - AZ432BZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ432BZTR-E1 BCDSEMI-AZ432BZTR-E1 Datasheet
700Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ432BZTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
   1.25V Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432 Datasheet
103Kb / 3P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com