Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC2.2-1209DRWH1AM Datasheet(PDF) 2 Page - Recom International Power

Part # REC2.2-1209DRWH1AM
Description  2.2 Watt DIP24 & SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC2.2-1209DRWH1AM Datasheet(HTML) 2 Page - Recom International Power

  REC2.2-1209DRWH1AM Datasheet HTML 1Page - Recom International Power REC2.2-1209DRWH1AM Datasheet HTML 2Page - Recom International Power REC2.2-1209DRWH1AM Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
32.00
10.20
3.81
4.60
Bottom View
Top View
11
9
3
2
14
16
22
23
15.24
20.30
2.54
1.00ø+0.15/–0
0.51
2.54
Pin Connections
Pin #
Single
Dual
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
– Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
3rd angle
projection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package A
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
105
50
Derating-Graph
(Ambient Temperature)
Specifications (Core Operating Area)
REC2.2-S_DRW(Z)/H*
Series
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
Input Voltage Range
2:1 & 4:1
Output Voltage Accuracy
±1% max.
Line Regulation (HL-LL)
2:1 Input types
±0.2% max.
4:1 Input types
±0.2% max.
Load Regulation (for output load current change from 20% to 100%)
±0.5% max.
Output Ripple and Noise (0,1µF capacitor on output, 20MHz BW)
50mVp-p max.
Switching Frequency at Full Load
2:1 Input types90kHz min. / 150kHz max.
and nominal Input Voltage
4:1 Input types
120kHz min. / 180kHz max.
Input Filter
Pi Network
Efficiency at Full Load
84% max.
No Load Power Consumption
200mW typ.
Isolation Voltage
H1 Types
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H2 Types
(tested for 1 second)
2000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H3 Types
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
2:1 Input types
20pF min. / 60pF max.
4:1 Input types
40pF min. / 80pF max.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Thermal Impedance
Natural convection
20°C/W for metal case
Package Weight
12g
MTBF (+25°C)
using MIL-HDBK 217F
1102 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
186 x 10
3 hours
}DetailedInformationsee
Application Notes chapter "MTBF"
January-2007
97
www.recom-international.com


Similar Part No. - REC2.2-1209DRWH1AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC2.2-1209DRW/H1 RECOM-REC2.2-1209DRW/H1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC2.2-1209DRWZ/H1 RECOM-REC2.2-1209DRWZ/H1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
More results

Similar Description - REC2.2-1209DRWH1AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC2.2-053.3SR RECOM-REC2.2-053.3SR_07 Datasheet
74Kb / 2P
   2.2 Watt DIP24 & SMD Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com