Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085S2-5.0 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085S2-5.0
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085S2-5.0 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1085S2-5.0 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
8
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Line Regulation vs. Junction Temperature
Figure 6. Dropout Voltage vs. Junction Temperature
0
25
50
75
100
125
1.00
1.05
1.10
1.15
1.20
Junction Temperature (
oC)
0
25
50
75
100
125
-1
0
1
2
3
4
5
Junction Temperature (
oC)
0
25
50
75
100
125
-5
-4
-3
-2
-1
0
1
2
3
4
5
Junction Temperature (
oC)
Figure 5. Load Regulation vs. Junction Temperature
025
50
75
100
125
2.47
2.48
2.49
2.50
2.51
2.52
2.53
Junction Temperature (
oC)
Figure 7. Output Voltage vs. Junction Temperature


Similar Part No. - AZ1085S2-5.0

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085S2-5.0 BCDSEMI-AZ1085S2-5.0 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085S2-5.0E1 BCDSEMI-AZ1085S2-5.0E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085S2-5.0TR BCDSEMI-AZ1085S2-5.0TR Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085S2-5.0TRE1 BCDSEMI-AZ1085S2-5.0TRE1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085S2-5.0

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com