Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085S-1.5E1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085S-1.5E1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085S-1.5E1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ1085S-1.5E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085S-1.5E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
2
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AZ1085 (Top View)
Pin Configuration
Functional Block Diagram
Figure 3. Functional Block Diagram of AZ1085
T Package
(TO-220-3)
S Package
(TO-263-3)
INPUT
OUTPUT
ADJ/GND
1
2
3
1
2
3
ADJ/GND
OUTPUT
D Package
(TO-252-2 (1))
1
2
3
ADJ/GND
OUTPUT
INPUT
INPUT
S2 Package
(TO-263-2)
ADJ/GND
INPUT
1
2
3
OUTPUT (TAB)
Thermal
Protection
+
-
For Adjustable Output, disconnect A1 and A2, connect B
INPUT
OUTPUT
ADJ/
GND
A1
A2
B
For Fixed Output, connect A1 and A2, disconnect B


Similar Part No. - AZ1085S-1.5E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085S-1.5E1 BCDSEMI-AZ1085S-1.5E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085S-1.5E1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com