Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD4243 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD4243
Description  40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4243 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD4243 Datasheet HTML 1Page - Fairchild Semiconductor FDD4243 Datasheet HTML 2Page - Fairchild Semiconductor FDD4243 Datasheet HTML 3Page - Fairchild Semiconductor FDD4243 Datasheet HTML 4Page - Fairchild Semiconductor FDD4243 Datasheet HTML 5Page - Fairchild Semiconductor FDD4243 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD4243 Rev.C
www.fairchildsemi.com
4
Figure 7.
0
4
8
1216
2024
0
2
4
6
8
10
ID = -6.7A
VDD = -30V
VDD = -20V
VDD = -10V
Qg, GATE CHARGE(nC)
Gate Charge Characteristics
Figure8.
0.1
1
10
100
1000
50
30
3000
f = 1MHz
VGS = 0V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
CapacitancevsDrain
to Source Voltage
Figure9.
0.01
0.1
1
10
2
4
6
8
10
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
1
30
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
5
10
15
20
25
Limited by Package
RθJC = 3.0
oC/W
VGS = -4.5V
VGS = -10V
T
C, CASE TEMPERATURE (
oC)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
110
100
0.1
1
10
100
0.5
100ms
10ms
1ms
100us
SINGLE PULSE
TJ = MAX RATED
TC = 25OC
OPERATION IN THIS
AREA MAY BE
LIMITED BY r
DS(on)
-VDS, DRAIN to SOURCE VOLTAGE (V)
Figure 12.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
100
1000
10000
30
V
GS = -10V
SINGLE PULSE
t, PULSE WIDTH (s)
TC = 25oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
150 TC
125
-----------------------
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDD4243

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD4243 FAIRCHILD-FDD4243 Datasheet
388Kb / 6P
   40V P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD4243 VBSEMI-FDD4243 Datasheet
1Mb / 9P
   P-Channel 4 0 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDD4243 TECHPUBLIC-FDD4243 Datasheet
1Mb / 5P
   P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
FDD4243 UMW-FDD4243 Datasheet
672Kb / 6P
   P-Channel MOSFET
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
More results

Similar Description - FDD4243

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDS4685 FAIRCHILD-FDS4685 Datasheet
506Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com