Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFMA2P857 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDFMA2P857
Description  Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.0A, 120mohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFMA2P857 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDFMA2P857 Datasheet HTML 1Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 2Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 3Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 4Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 5Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 6Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 7Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDFMA2P857 Rev.B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = –250μA, VGS = 0V
–20
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = –250μA, referenced to 25°C
–12
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16V, VGS = 0V
–1
μA
IGSS
Gate to Source Leakage Current
VGS = ±8V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = –250μA
–0.4
–0.7
–1.3
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = –250μA, referenced to 25°C
2
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = –4.5V, ID = –3.0A
90
120
m
Ω
VGS = –2.5V, ID = –2.5A
120
160
VGS = –1.8V, ID = –1.0A
172
240
VGS = –4.5V, ID = –3.0A, TJ = 125°C
118
160
gFS
Forward Transconductance
VDS = –5V, ID = –3.0A
7
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = –10V, VGS = 0V,
f = 1.0MHz
435
pF
Coss
Output Capacitance
80
pF
Crss
Reverse Transfer Capacitance
45
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = –10V, ID = –1A
VGS = –4.5V, RGEN = 6Ω
9
18
ns
tr
Rise Time
11
19
ns
td(off)
Turn-Off Delay Time
15
27
ns
tf
Fall Time
6
12
ns
Qg(TOT)
Total Gate Charge
VDS = –10V ID = –3.0A
VGS = –4.5V
4
6
nC
Qgs
Gate to Source Gate Charge
0.8
nC
Qgd
Gate to Drain “Miller” Charge
0.9
nC
Drain-Source Diode Characteristics
IS
Maximum Continuous Drain-Source Diode Forward Current
–1.1
A
VSD
Source to Drain Diode Forward Voltage VGS = 0V, IS = –1.1A
(Note 2)
–0.8
–1.2
V
trr
Reverse Recovery Time
IF = –3.0A, di/dt = 100A/μs
17
ns
Qrr
Reverse Recovery Charge
6
nC
Schottky Diode Characteristics
IR
Reverse Leakage
VR = 10V
TJ = 25°C
0.5
4.5
μA
TJ = 85°C
0.05
1.0
mA
TJ = 125°C
0.6
8.4
mA
IR
Reverse Leakage
VR = 20V
TJ = 25°C
1.1
8.0
μA
TJ = 85°C
0.09
1.6
mA
TJ = 125°C
0.9
10
mA
VF
Forward Voltage
IF = 100mA
TJ = 25°C
0.37
0.40
V
TJ = 85°C
0.29
0.35
V
TJ = 125°C
0.23
0.29
V
VF
Forward Voltage
IF = 1A
TJ = 25°C
0.5
0.54
V
TJ = 85°C
0.46
0.51
V
TJ = 125°C
0.43
0.48
V


Similar Part No. - FDFMA2P857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P857 FAIRCHILD-FDFMA2P857 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
More results

Similar Description - FDFMA2P857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6392S FAIRCHILD-FDC6392S Datasheet
193Kb / 6P
   20V Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFC2P100 FAIRCHILD-FDFC2P100 Datasheet
344Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3A, 150mohm
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z Datasheet
412Kb / 8P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.1A, 95mohm
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
FDFM2P110 FAIRCHILD-FDFM2P110 Datasheet
521Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103A FAIRCHILD-FDFS2P103A Datasheet
144Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853 Datasheet
307Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103 FAIRCHILD-FDFS2P103 Datasheet
295Kb / 9P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P102A FAIRCHILD-FDFS2P102A Datasheet
145Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMC2P120 FAIRCHILD-FDFMC2P120 Datasheet
123Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com