Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFS6N548 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDFS6N548
Description  Integrated N-Channel PowerTrench MOSFET and Schottky Diode 30V, 7A, 23mohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFS6N548 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDFS6N548 Datasheet HTML 1Page - Fairchild Semiconductor FDFS6N548 Datasheet HTML 2Page - Fairchild Semiconductor FDFS6N548 Datasheet HTML 3Page - Fairchild Semiconductor FDFS6N548 Datasheet HTML 4Page - Fairchild Semiconductor FDFS6N548 Datasheet HTML 5Page - Fairchild Semiconductor FDFS6N548 Datasheet HTML 6Page - Fairchild Semiconductor FDFS6N548 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDFS6N548 Rev.B
www.fairchildsemi.com
5
Figure 7.
02
46
8
10
0
2
4
6
8
10
VDD = 20V
VDD = 15V
Qg, GATE CHARGE(nC)
VDD = 10V
ID = 7A
Gate Charge Characteristics
Figure8.
0.1
1
10
100
1000
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
30
40
CapacitancevsDrain
to Source Voltage
Figure9.
0.01
0.1
1
10
1
2
3
4
5
6
7
8
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
20
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
2
4
6
8
RθJA = 78
oC/W
VGS = 4.5V
VGS = 10V
T
A, AMBIENT TEMPERATURE (
oC)
Maximum Continuous Drain
Current vs Ambient Temperature
Figure 11. Forward Bias Safe
Operating Area
0.1
1
10
0.01
0.1
1
10
1s
DC
10s
100ms
10ms
1ms
100us
OPERATION IN THIS
AREA MAY BE
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
TA = 25oC
VDS, DRAIN to SOURCE VOLTAGE (V)
50
80
Figure 12.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
VGS = 10V
SINGLE PULSE
t, PULSE WIDTH (s)
300
0.5
TA = 25oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
150 TA
125
-----------------------
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDFS6N548

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS6N303 FAIRCHILD-FDFS6N303 Datasheet
96Kb / 5P
   N-Channel MOSFET with Schottky Diode
FDFS6N303 FAIRCHILD-FDFS6N303 Datasheet
68Kb / 5P
   N-Channel MOSFET with Schottky Diode
FDFS6N303 FAIRCHILD-FDFS6N303_03 Datasheet
68Kb / 5P
   N-Channel MOSFET with Schottky Diode
FDFS6N754 FAIRCHILD-FDFS6N754 Datasheet
394Kb / 7P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode 30V, 4A, 56mOHM
More results

Similar Description - FDFS6N548

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8984 FAIRCHILD-FDS8984 Datasheet
367Kb / 6P
   N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm
FDS8884 FAIRCHILD-FDS8884 Datasheet
309Kb / 6P
   N-Channel PowerTrench MOSFET 30V, 8.5A, 23mOhm
FDFS6N754 FAIRCHILD-FDFS6N754 Datasheet
394Kb / 7P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode 30V, 4A, 56mOHM
FDFMA2N028Z FAIRCHILD-FDFMA2N028Z Datasheet
452Kb / 8P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode
FDFMA3N109 FAIRCHILD-FDFMA3N109 Datasheet
123Kb / 7P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode
FDFM2N111 FAIRCHILD-FDFM2N111 Datasheet
289Kb / 7P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode
FDFM2P110 FAIRCHILD-FDFM2P110 Datasheet
521Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853 Datasheet
307Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103 FAIRCHILD-FDFS2P103 Datasheet
295Kb / 9P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103A FAIRCHILD-FDFS2P103A Datasheet
144Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com