Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA520PZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMA520PZ
Description  Single P-Channel PowerTrench MOSFET -20V, -7.3A, 30mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA520PZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMA520PZ Datasheet HTML 1Page - Fairchild Semiconductor FDMA520PZ Datasheet HTML 2Page - Fairchild Semiconductor FDMA520PZ Datasheet HTML 3Page - Fairchild Semiconductor FDMA520PZ Datasheet HTML 4Page - Fairchild Semiconductor FDMA520PZ Datasheet HTML 5Page - Fairchild Semiconductor FDMA520PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDMA520PZ Rev.B
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
012
34
0
6
12
18
24
VGS = -2.5V
VGS = -3V
VGS = -4.5V
VGS = -3.5V
VGS = -4V
PULSE DURATION = 80μs
DUTY CYCLE = 0.5%MAX
-VDS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
6
12
18
24
0.5
1.0
1.5
2.0
2.5
3.0
V
GS = -2.5V
V
GS = -4.5V
V
GS = -4V
V
GS = -3.5V
V
GS = -3V
PULSE DURATION = 80μs
DUTY CYCLE = 0.5%MAX
-ID, DRAIN CURRENT(A)
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = -7.3A
VGS = -4.5V
TJ, JUNCTION TEMPERATURE (
oC)
vs Junction Temperature
Figure 4.
2
345
67
8
10
20
30
40
50
60
PULSE DURATION = 80μs
DUTY CYCLE = 0.5%MAX
TJ = 125
oC
TJ = 25oC
ID = -3.6A
-VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
01
234
0
6
12
18
24
VDD = -5V
TJ =-55oC
TJ = 25
oC
TJ = 125oC
PULSE DURATION = 80μs
DUTY CYCLE = 0.5%MAX
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0001
0.001
0.01
0.1
1
10
30
TJ = -55
oC
TJ = 25oC
TJ = 125oC
VGS = 0V
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMA520PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA520PZ FAIRCHILD-FDMA520PZ Datasheet
1Mb / 6P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.3A, 30m廓
FDMA520PZ FAIRCHILD-FDMA520PZ_08 Datasheet
1Mb / 6P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.3A, 30m廓
More results

Similar Description - FDMA520PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA520PZ FAIRCHILD-FDMA520PZ_08 Datasheet
1Mb / 6P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.3A, 30m廓
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
SI6433DQ FAIRCHILD-SI6433DQ Datasheet
137Kb / 5P
   20V P-Channel PowerTrench MOSFET
NDS9947 FAIRCHILD-NDS9947_02 Datasheet
141Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
SI6953DQ FAIRCHILD-SI6953DQ Datasheet
109Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDP6021P FAIRCHILD-FDP6021P Datasheet
80Kb / 5P
   20V P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDMA6676PZ ONSEMI-FDMA6676PZ Datasheet
398Kb / 7P
   MOSFET ??Single, P-Channel, POWERTRENCH
April, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDN352AP_0508 FAIRCHILD-FDN352AP_0508 Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com