Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085S2-5.0TRE1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085S2-5.0TRE1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085S2-5.0TRE1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1085S2-5.0TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1085S2-5.0TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
7
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Line Regulation
∆V
OUT
AZ1085-5.0,
IOUT=10mA,
6.5V
≤V
IN≤10V
0.5
1
10
10
mV
Load Regulation
∆V
OUT
AZ1085-ADJ,
0mA
≤I
OUT≤3A,
VIN-VOUT=3V
0.1
0.2
0.3
0.4
%
AZ1085-1.5,
0mA
≤I
OUT≤3A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1085-1.8,
0mA
≤I
OUT≤3A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1085-2.5,
0mA
≤I
OUT≤3A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1085-2.85,
0mA
≤I
OUT≤3A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1085-3.3,
0mA
≤I
OUT≤3A,
VIN-VOUT=3V
3
7
15
20
mV
AZ1085-5.0,
0mA
≤ I
OUT≤3A,
VIN-VOUT=3V
5
10
20
35
mV
Dropout Voltage
VDROP
IOUT=3A, ∆VREF, ∆VOUT=1%
1.3
1.5
V
Current Limit
ILIMIT
VIN-VOUT=3V
3.2
4.5
A
Minimum Load Current
ILOAD
(MIN)
VIN=10V (AZ1085-ADJ)
3
10
mA
Quiescent Current
IQ
VIN=10V (AZ1085)
5
10
mA
Ripple Rejection
PSRR
fRIPPLE=120Hz, COUT=25µF, IOUT=3A,
VIN-VOUT = 3V
60
72
dB
Adjust Pin Current
IADJ
VIN = 4.25V, IOUT = 10mA
55
120
µA
Adjust Pin Current
Change
∆I
ADJ
10mA
≤ I
OUT ≤ 3A,
1.5V
≤ V
IN -VOUT ≤ 6V
0.2
5
µA
Long Term Stability
TA = 125
oC, 1000Hrs
0.5
%
Temperature Stability
IOUT=10mA, VIN-VOUT=1.5V
0.5
%
RMS Noise
(% of VOUT)
TA=25
oC, 10Hz
≤f≤10kHz
0.003
%
Typicals and limits appearing in normal type apply for TJ=25
oC. Limits appearing in Boldface type apply over
the entire operating junction temperature range 0 to 125oC.


Similar Part No. - AZ1085S2-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085S2-5.0TRE1 BCDSEMI-AZ1085S2-5.0TRE1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085S2-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com