Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS5672 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMS5672
Description  N-Channel UltraFET Trench MOSFET 60V, 22A, 11.5mohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS5672 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMS5672 Datasheet HTML 1Page - Fairchild Semiconductor FDMS5672 Datasheet HTML 2Page - Fairchild Semiconductor FDMS5672 Datasheet HTML 3Page - Fairchild Semiconductor FDMS5672 Datasheet HTML 4Page - Fairchild Semiconductor FDMS5672 Datasheet HTML 5Page - Fairchild Semiconductor FDMS5672 Datasheet HTML 6Page - Fairchild Semiconductor FDMS5672 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDMS5672 Rev.C1
www.fairchildsemi.com
5
Figure 13. Transient Thermal Response Curve
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1E-3
0.01
0.1
1
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
2
5E-3
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDMS5672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS5672 FAIRCHILD-FDMS5672 Datasheet
541Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET
FDMS5672_0712 FAIRCHILD-FDMS5672_0712 Datasheet
541Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET
More results

Similar Description - FDMS5672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3572 FAIRCHILD-FDMS3572 Datasheet
562Kb / 7P
   N-Channel UltraFET Trench MOSFET 80V, 22A, 16.5mOHM
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
   N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
HUFA76413P3 FAIRCHILD-HUFA76413P3 Datasheet
207Kb / 10P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413P3 INTERSIL-HUF76413P3 Datasheet
105Kb / 9P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
FDMS3572 FAIRCHILD-FDMS3572_07 Datasheet
521Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 80V, 22A, 16.5m?
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDD45AN06LA0 FAIRCHILD-FDD45AN06LA0 Datasheet
228Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 22A, 45m
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com