Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM-C69 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # CAM-C69
Description  Power Supply Voltage & Signal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

CAM-C69 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  CAM-C69 Datasheet HTML 1Page - Mitsumi Electronics, Corp. CAM-C69 Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
Connectors
Power Supply Voltage & Signal
CAM-C69, CCM-C70
FEATURES
1. 12 pin power connector of an angle type on
the plug side.
2. The lock device ensures secure fitting.
3. A fuse is mountable to the plug connector.
4. This type is common to both power and signal
contact pins.
HOW TO ORDER
1.CAM-C69 (Plug)
C69-012-02-0- I J B A A
12
3
4
5
6 7
8
9
1 Series No. (C69)
2 No. of contacts (012 : 12pins)
3 Housing material (02 : PBT resin)
4 Housing UL grade (0 : 94V-0)
5 Contact plating (I : Tin reflow plating)
6 Contact plating thickness (J : 3.0µm)
7 Contact tail style (B : Angle)
8 Accessory for connector outside (A : none)
9 Accessory for connector inside (A : none)
2.CCM-C70 (Socket)
C70-012-
12
3
1 Series No. (C70)
2 No. of contacts (012 : 12pins)
3 Running No. assigned by us
CAM-C69(Plug)
CCM-C70(Socket)


Similar Part No. - CAM-C69

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CAM-C16 MITSUMI-CAM-C16 Datasheet
74Kb / 2P
   Mini Serial Bus Connectors (B TYPE)
CAM-C27 MITSUMI-CAM-C27 Datasheet
239Kb / 4P
   Rectangular Connectors
CAM-C28 MITSUMI-CAM-C28 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
List of Unclassifed Man...
CAM-C3188A ETC2-CAM-C3188A Datasheet
44Kb / 1P
   1/3 ??Color Camera Module with Digital Output
logo
Mitsumi Electronics, Co...
CAM-C73 MITSUMI-CAM-C73 Datasheet
96Kb / 2P
   Detach Connectors
More results

Similar Description - CAM-C69

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CAM-C75 MITSUMI-CAM-C75 Datasheet
114Kb / 2P
   Power Supply Voltage AND Signal
CAM-B49 MITSUMI-CAM-B49 Datasheet
89Kb / 2P
   Power Supply Voltage and Signal
logo
Pepperl+Fuchs Inc.
S1SD-1AI-2C PF-S1SD-1AI-2C Datasheet
754Kb / 3P
   Transmitter Power Supply/Signal Splitter
2022-01-10
logo
Alliance Semiconductor ...
AS6C8008A ALSC-AS6C8008A Datasheet
706Kb / 13P
   Power Supply Voltage
logo
Rohm
BA3902 ROHM-BA3902 Datasheet
499Kb / 10P
   Power supply, standard voltage
BA3913 ROHM-BA3913 Datasheet
522Kb / 10P
   Power supply, standard voltage
logo
Hamamatsu Corporation
C9619 HAMAMATSU-C9619_15 Datasheet
200Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11152 HAMAMATSU-C11152_15 Datasheet
161Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX17330X2EVKIT MAXIM-MAX17330X2EVKIT Datasheet
8Mb / 35P
   Voltage source/Power supply
Rev 0; 4/21
logo
Rohm
BA3910B ROHM-BA3910B Datasheet
556Kb / 10P
   Power supply, standard voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com